Part Number Hot Search : 
UJA1163 AD6315LF M101A 15K1A318 CM1508 628128 C101A 0100C
Product Description
Full Text Search
 

To Download NAWR470M10V63X46KBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nawr series features ? cylindrical v-chip construction for surface mounting ? low profile 4.6mm height ? load life (2,000 ~ 3,000 hours @ +105c) ? designed for automatic mounting and reflow soldering characteristics rated voltage rating 6.3 ~ 50vdc rated capacitance range 0.47 ~ 100 f operating temp. range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater dissipation factor w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 tan @ 120hz/20c 0.35 0.30 0.20 0.16 0.14 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 4 3 2 2 2 2 z-40c/z+20c 10 8 6 4 4 4 load life test @ 105c d < 5mm: 2,000 hours d = 6.3mm: 3,000 hours capacitance change within 30% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value nawr 101 m 6.3v 6.3x4.6 k b f rohs compliant termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 0.47 r47 - - - - - 4x4.6 1.0 1r0 - - - - - 4x4.6 2.2 2r2 - - - - - 4x4.6 3.3 3r3 - - - - - 4x4.6 4.7 4r7 - - - 4x4.6 4x4.6 5x4.6 10 100 - - 4x4.6 5x4.6 5x4.6 6.3x4.6 22 220 4x4.6 5x4.6 5x4.6 6.3x4.6 6.3x4.6 - 33 330 5x4.6 5x4.6 6.3x4.6 6.3x4.6 - - 47 470 5x4.6 6.3x4.6 6.3x4.6 6.3x4.6 - - 100 101 6.3x4.6 6.3x4.6 - - - - dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.2 qty/reel 4x4.6 4.0 4.6 4.3 4.3 2.0 0.5 ~ 0.8 1.0 1,500 5x4.6 5.0 4.6 5.3 5.3 2.3 0.5 ~ 0.8 1.4 1,000 6.3x4.6 6.3 4.6 6.6 6.6 2.6 0.5 ~ 0.8 2.2 1,000 0.3mm max. d l + - i i w p a b code peak re ow temperature k 245c code finish & reel size b sn-bi finish & 13" reel peak reflow temperature codes standard values and case sizes (mm) termination finish & packaging options codes sac alloy compatible 245c *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change diameter peak temperature duration time above 200c time above 217c time above 230c number of re ow passes 4 ~ 6.3mm +245c time > 240c 5 sec. 60 sec. 50 sec. 30 sec. 2 peak reflow temperature, duration and number of reflow passes allowed case size a b c 4x4.6 1.0 2.6 1.8 5x4.6 1.4 3.0 1.8 6.3x4.6 1.8 3.6 1.8 a c b recommended land pattern dimensions (mm) time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) time above 217c (see table) nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. esr ( ) 120hz, +20c max. ripple current (ma) +105c, 120hz load life hours @ +105c nawr220m6.3v4x4.6kbf 22 6.3 0.35 26.39 20 2000 nawr330m6.3v5x4.6kbf 33 0.35 17.59 26 2000 nawr470m6.3v5x4.6kbf 47 0.35 12.35 32 2000 nawr101m6.3v6.3x4.6kbf 100 0.35 5.81 49 3000 nawr220m10v5x4.6kbf 22 10 0.3 22.62 24 2000 nawr330m10v5x4.6kbf 33 0.3 15.08 29 2000 nawr470m10v6.3x4.6kbf 47 0.3 10.59 38 3000 nawr101m10v6.3x4.6kbf 100 0.3 4.98 52 3000 nawr100m16v4x4.6kbf 10 16 0.2 33.17 17 2000 nawr220m16v5x4.6kbf 22 0.2 15.08 26 2000 nawr330m16v6.3x4.6kbf 33 0.2 10.05 36 3000 nawr470m16v6.3x4.6kbf 47 0.2 7.06 43 3000 nawr4r7m25v4x4.6kbf 4.7 25 0.16 56.47 12 2000 nawr100m25v5x4.6kbf 10 0.16 26.54 19 2000 nawr220m25v6.3x4.6kbf 22 0.16 12.06 33 3000 nawr330m25v6.3x4.6kbf 33 0.16 8.04 40 3000 nawr470m25v6.3x4.6kbf 47 0.16 5.65 44 3000 nawr4r7m35v4x4.6kbf 4.7 35 0.14 49.41 13 2000 nawr100m35v5x4.6kbf 10 0.14 23.22 24 2000 nawr220m35v6.3x4.6kbf 22 0.14 10.56 35 3000 nawrr47m50v4x4.6kbf 0.47 50 0.12 423.50 2.8 2000 nawr1r0m50v4x4.6kbf 1 0.12 199.04 5.9 2000 nawr2r2m50v4x4.6kbf 2.2 0.12 90.47 10 2000 nawr3r3m50v4x4.6kbf 3.3 0.12 60.32 12 2000 nawr4r7m50v5x4.6kbf 4.7 0.12 42.35 15 2000 nawr100m50v6.3x4.6kbf 10 0.12 19.90 24 3000 standard values, case sizes and specifications surface mount aluminum electrolytic capacitors nawr series precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com frequency 120hz 1khz 10khz 100khz ~ 1.0 ~ 3.3 f 1.0 1.30 1.50 1.80 >4.7 ~ 33 f 1.0 1.20 1.30 1.45 >33 f 1.0 1.10 1.20 1.30 ripple current frequency correction factor
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nawr series review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl carrier tape case size a 0.2 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 4x4.6 4.7 4.7 12.0 5.5 8.0 5.0 5x4.6 5.7 5.7 12.0 5.5 12.0 5.0 6.3x4.6 7.0 7.0 16.0 7.5 12.0 5.1 case size w 1.0 quantity per reel 13" reel 4x4.6 14.0 1,500 pcs 5x4.6 14.0 1,000 pcs 6.3x4.6 18.0 1,000 pcs tr13 330mm (13") reel taping specifications (mm) 1. both leader and trailer tape: minimum 10 empty pockets and 20cm of cover tape. 3. connection: maximum 3 connections (slices) per reel. 13 ? 0.5 3.0 0.5 330 mm 50 ? min. 21 0.8 2.00.5 w reel t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 0.4 + 0.2 4 + 0.1 carrier


▲Up To Search▲   

 
Price & Availability of NAWR470M10V63X46KBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X